Part Number Hot Search : 
100C0347 EMK13G2 PA0184NL MJD44H11 40MHZ C186X MAX1125 M74VH
Product Description
Full Text Search
 

To Download DTC123JKA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 JIANGSU CHANGJIANG ELECTRONICS TECHNOLOGY CO., LTD
Digital transistors (built-in resistors)
DTC123JE/DTC123JUA/ DTC123JKA/DTC123JCA / DTC123JSA
DIGITAL TRANSISTOR (NPN) Features 1) Built-in bias resistors enable the configuration of an inverter circuit without connecting external input resistors(see equivalent circuit). 2) The bias resistors consist of thin-film resistors with complete isolation to allow negative biasing of the input. They also have the advantage of almost completely eliminating parasitic effects. 3) Only the on/off conditions need to be set for operation, making device design easy. PIN CONNENCTIONS AND MARKING DTC123JE DTC123JUA
SOT-523
Addreviated symbol: E42
SOT-323
Addreviated symbol: E42
DTC123JKA
DTA114ECA DTC123JCA
SOT-23 SOT-23-3L Addreviated symbol: E42 SOT-23 Addreviated symbol: E42
DTC123JSA
TO-92S
Absolute maximum ratings(Ta=25)
Parameter Supply voltage Input voltage Output current Power dissipation Junction temperature Storage temperature Symbol VCC VIN IO IC(MAX) Pd Tj Tstg 150 Limits (DTC123J E UA KA 50 -5~12 100 100 200 150 -55~150 300 ) CA SA Unit V V mA mW

Electrical characteristics (Ta=25)
Parameter Input voltage Output voltage Input current Output current DC current gain Input resistance Resistance ratio Transition frequency Symbol VI(off) VI(on) VO(on) II IO(off) GI R1 R2/R1 fT 80 1.54 17 2.2 21 250 2.86 26 MHz K 1.1 0.1 0.3 3.6 0.5 Min. Typ Max. 0.5 Unit V V mA A Conditions VCC=5V, IO=100A VO=0.3V, IO=5 mA IO/II=5mA/0.25mA VI=5V VCC=50V, VI=0 VO=5V, IO=10mA VO=10V, IO=-5mA, f=100MHz
Typical Characteristics


▲Up To Search▲   

 
Price & Availability of DTC123JKA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X